Part Number Hot Search : 
IIRF540Z BCP69 1020C 245BMI MAX6775 SI4431 LC7463 MX536AJD
Product Description
Full Text Search
 

To Download AQW210SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  54 testing 1 2 3 4 8 7 6 5 gu (general use) type sop series [2-channel (form a) type] mm inch 9.37 0.2 .369 .008 4.4 0.2 .173 .008 2.1 0.2 .083 .008 features 1. 2 channels in super miniature de- sign the device comes in a super-miniature so package measuring (w) 4.4 (l) 9.37 (h) 2.1 mm (w) .173 (l) .369 (h) .083 inch approx. 38% of the volume and 66% of the footprint size of dip type pho- tomos relays. 2. tape and reel the device comes standard in a tape and reel (1,000 pcs./reel) to facilitate automat- ic insertion machines. volume (sop) (dip) approx. 38% footprint approx. 66% 3. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 4. low-level off state leakage current in contrast to the ssr with an off state leakage current of several milliamps, the photomos relay features a very small off state leakage current of only 100 pa even with the rated load voltage of 400 v (aqw214s) typical applications ? telephones ? measuring instruments ? computer ? industrial robots ? high-speed inspection machines. types *indicate the peak ac and dc values. notes: (1) tape package is the standard packing style. also available in tube. (part no. suf?x "x" or "z" is not needed when orde ring; tube: 50 pcs.; case: 1,000 pcs.) (2) for space reasons, the package type indicator "x" and "z" are omitted from the seal. type output rating* part no. packing quantity in tape and reel load voltage load current picked from the 1/2/3/4-pin side picked from the 5/6/7/8-pin side ac/dc 350 v 100 ma aqw210sx AQW210SZ 1,000 pcs. 400 v 80 ma aqw214sx aqw214sz rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item symbol aqw210s aqw214s remarks input led forward current i f 50 ma 50 ma led reverse voltage v r 3 v 3 v peak forward current i fp 1 a 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw 75 mw output load voltage (peak ac) v l 350 v 400 v continuous load current i l 0.1 a (0.13 a) 0.08 a (0.1 a) ( ): in case of using only 1 channel peak ac, dc peak load current i peak 0.3 a 0.24 a a connection: 100 ms (1 shot), v l = dc power dissipation p out 600 mw 600 mw total power dissipation p t 650 mw 650 mw i/o isolation voltage v iso 1,500 v ac 1,500 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temperatures storage t stg C40 c to +100 c C40 f to +212 f photomos relays
aqw21 m s 55 2. electrical characteristics (ambient temperature: 25 c 77 f ) note: recommendable led forward current i f = 5 ma. for type of connection, see page 32. *turn on/ turn off time n for dimensions, see page 28. n for schematic and wiring diagrams, see page 32. n for cautions for use, see page 36. item symbol aqw210s aqw214s remarks input led operate current typical i fon 0.9 ma i l = max. maximum 3 ma led turn off current minimum i foff 0.4 ma i l = max. typical 0.8 ma led dropout voltage typical v f 1.14 v (1.25 v at i f = 50 ma) i f = 5 ma maximum 1.5 v output on resistance typical r on 16 w 30 w i f = 5 ma i l = max. within 1 s on time maximum 35 w 50 w off state leakage current maximum i leak 1 m a i f = 0 v l = max. transfer characteristics turn on time* typical t on 0.23 ms 0.21 ms i f = 5 ma i l = max. maximum 0.5 ms turn off time* typical t off 0.04 ms i f = 5 ma i l = max. maximum 0.2 ms i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 maximum 1.5 pf initial i/o isolation resistance minimum r iso 1,000 m w 500 v dc ton input output 10% 90% toff reference data 1. load current vs. ambient temperature char- acteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f 2. on resistance vs. ambient temperature char- acteristics measured portion: between terminals 5 and 6, 7 and 8; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 3. turn on time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 40 60 0 20 40 60 8085 100 ?0 ?0 20 aqw210s aqw214s 80 100 120 ambient temperature, c load current, a 0 10 20 30 40 ?0 ?0 50 02040608085 aqw210s aqw214s ambient temperature, c on resistance, 0 0.4 0.6 ?0 ?0 1.0 02040608085 0.2 0.8 aqw210s ambient temperature, c turn on time, ms aqw214s
aqw21 m s 56 4. turn off time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate current vs. ambient tempera- ture characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 6. led turn off current vs. ambient temperature characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 0 0.1 0.2 0.3 0.4 ?0 ?0 02040608085 aqw214s aqw210s ambient temperature, c turn off time, ms 0 1 2 3 4 ?0 ?0 5 02040608085 ambient temperature, c led operate current, ma 0 1 2 3 4 ?0 ?0 5 02040608085 ambient temperature, c led turn off current, ma 7. led dropout voltage vs. ambient tempera- ture characteristics sample: all types; led current: 5 to 50 ma 8. voltage vs. current characteristics of output at mos portion measured portion: between terminals 5 and 6, 7 and 8; ambient temperature: 25 c 77 f 9. off state leakage current measured portion: between terminals 5 and 6, 7 and 8; ambient temperature: 25 c 77 f 0 1.0 1.1 1.2 1.3 ?0 ?0 02040608085 1.4 50ma 30ma 20ma 10ma 5ma 1.5 ambient temperature, c led dropout voltage, v 5 3 1 ? ? ? ?00 ?0 ?0 60 20 40 100 ?0 ?0 ? ? 24 80 aqw210s aqw214s voltage, v current, ma 0 60 100 10 ? 10 ? 10 ? 10 ?2 aqw214s 20 40 80 aqw210s load voltage, v off state leakage current, a 10. led forward current vs. turn on time char- acteristics measured portion: between terminals 5 and 6, 7 and 8; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11. led forward current vs. turn off time char- acteristics measured portion: between terminals 5 and 6, 7 and 8; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. applied voltage vs. output capacitance characteristics measured portion: between terminals 5 and 6, 7 and 8; frequency: 1 mhz; ambient temperature: 25 c 77 f 0 0.2 0.4 0.6 0.8 1.4 1.0 10 20 30 40 50 60 aqw214s aqw210s 1.2 led forward current, ma turn on time, ms 0 0.02 0.04 0.08 0.06 10 20 30 40 0.10 50 aqw210s aqw214s led forward current, ma turn off time, ms 0 10 20 50 10 20 30 40 50 30 40 0 applied voltage, v output capacitance, pf 5/7/2001 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of AQW210SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X